PART |
Description |
Maker |
TW2815 |
4 Channel Video Decoders and Audio Codecs For Security Applications Pin to pin compatible
|
List of Unclassifed Manufacturers ETC[ETC]
|
TS83102G0BMGS |
This latest A/D converter is a thermally enhanced, pin-to-pin compatible version of the high-speed TS83102G0B ADC and is designed ...
|
Atmel
|
IM801 IM801B IM801C IM801D IM801E |
Direct pin to pin drop-in replacement for industry-standard packages MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
|
ILSI America LLC MMD Components
|
EM39S3-19.44-2.5-30 VEM39S3-19.44-2.5-30 VEM39S28- |
Clipped Sinewave 14 pin DIL compatible
|
EUROQUARTZ limited
|
EM39GS3-19.44-2.5-30 VEM39GS3-19.44-2.5-30 VEM39GS |
Clipped Sinewave 14 pin DIL compatible
|
EUROQUARTZ limited
|
EM39GT-KHZ |
CMOS 14 pin DIL compatible, kHz Range
|
EUROQUARTZ limited
|
EM39GT28-38.880-2.5-30 VEM39GT28-38.880-2.5-30 VEM |
HCMOS, 14 pin DIL compatible, MHz Range
|
EUROQUARTZ limited
|
MAX5134AGUE MAX5134AGUET MAX5136AGUE MAX5136AGUET |
Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
|
MAXIM - Dallas Semiconductor
|
MAX1607 |
USB Current-Limited Switch in Pin-Compatible Package
|
MAXIM - Dallas Semiconductor
|
MAX8863QEUK-T MAX8863 MAX8863REUK-T MAX8863TEUK-T |
Pin-Compatible, Low-Dropout, 120 mA Linear Regulator
|
ONSEMI[ON Semiconductor]
|